Part Number Hot Search : 
2JA01 FL390 M41T56 AD7703CN MMBT222 LM386 LT511 25SC33M
Product Description
Full Text Search
 

To Download 1N5404K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N 5400 K ... 1N 5408 K Silicon Rectifiers Silizium Gleichrichter
Nominal current - Nennstrom
O3
0.05
3A 50...1000 V DO-15 DO-204AC 0.4 g
Repetitive peak reverse voltage Periodische Spitzensperrspannung Plastic case Kunststoffgehause Weight approx. - Gewicht ca.
0.5
62.5
6.3 0.1
Type
O 0.8
0.05
Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Standard packaging taped in ammo pack Standard Lieferform gegurtet in Ammo-Pack see page 16 siehe Seite 16
Dimensions / Mae in mm
Maximum ratings Type Typ 1N 5400 K 1N 5401 K 1N 5402 K 1N 5403 K 1N 5404 K 1N 5405 K 1N 5406 K 1N 5407 K 1N 5408 K
Repetitive peak reverse voltage Periodische Spitzensperrspannung VRRM [V] 50 100 200 300 400 500 600 800 1000
Grenzwerte Surge peak reverse voltage Stospitzensperrspannung VRSM [V] 50 100 200 300 400 500 600 800 1000
Max. average forward rectified current, R-load Dauergrenzstrom in Einwegschaltung mit R-Last Repetitive peak forward current Periodischer Spitzenstrom Peak forward surge current, 50 Hz half sine-wave Stostrom fur eine 50 Hz Sinus-Halbwelle Rating for fusing - Grenzlastintegral, t < 10 ms
TA = 50/C f > 15 Hz TA = 25/C TA = 25/C
IFAV IFRM IFSM i2t
3 A 1) 20 A 1) 100 A 50 A2s
1
) Valid, if leads are kept at ambient temperature at a distance of 10 mm from case Gultig, wenn die Anschludrahte in 10 mm Abstand von Gehause auf Umgebungstemperatur gehalten werden 66 28.02.2002
1N 5400 K ... 1N 5408 K Operating junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur Tj TS - 50...+175/C - 50...+175/C
Characteristics Forward voltage - Durchlaspannung Leakage current - Sperrstrom Tj = 25/C Tj = 25/C IF = 3 A VR = VRRM VF IR RthA
Kennwerte < 1.1 V < 10 :A < 40 K/W 1)
Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft
1
) Valid, if leads are kept at ambient temperature at a distance of 10 mm from case Gultig, wenn die Anschludrahte in 10 mm Abstand von Gehause auf Umgebungstemperatur gehalten werden 28.02.2002
67


▲Up To Search▲   

 
Price & Availability of 1N5404K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X